Part Number Hot Search : 
DTC11 SC536 01130 1N6379 DP8303 223988 4N60C 300N0
Product Description
Full Text Search
 

To Download ASM3I623S05AG-08-SR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 May 2007 rev 0.3
ASM3P623S05/09A/B
Timing-SafeTM Peak EMI reduction IC
General Features
* * * * Clock distribution with Timing-SafeTM Peak EMI Reduction Input frequency range: 20MHz - 50MHz Zero input - output propagation delay Low-skew outputs * Output-output skew less than 250pS * Device-device skew less than 700pS * * Less than 200pS cycle-to-cycle jitter is compatible with Pentium based systems Available in 16pin, 150mil SOIC, 4.4mm TSSOP (ASM3P623S09A/B), and in 8pin, 150 mil SOIC, 4.4mm TSSOP Packages (ASM3P623S05A/B) * * * 3.3V Operation Advanced CMOS technology The First True Drop-in Solution
(R)
the eight-pin version and accepts one reference input and drives out five low-skew clocks. All parts have on-chip PLLs that lock to an input clock on the CLKIN pin. The PLL feedback is on-chip and is obtained from the CLKOUT pad, internal to the device. Multiple ASM3P623S05/09A/B devices can accept the same input clock and distribute it. In this case, the skew between the outputs of the two devices is guaranteed to be less than 700pS. All outputs have less than 200pS of cycle-to-cycle jitter. The input and output propagation delay is guaranteed to be less than 350pS, and the output-to-output skew is guaranteed to be less than 250pS. Refer "Spread Spectrum Control and Input-Output Skew
Functional Description
ASM3P623S05/09A/B is a versatile, 3.3V zero-delay buffer designed to distribute high-speed Timing-SafeTM clocks with Peak EMI Reduction. ASM3P623S09A/B accepts one reference input and drives out nine low-skew clocks. It is available in a 16pin Package. The ASM3P623S05A/B is
Table"
for
deviations
and
Input-Output
Skew
for
ASM3P623S05A/B and ASM3P623S09A/B devices The ASM3P623S05A/B and ASM3P623S09A/B are
available in two different packages, as shown in the ordering information table.
Block Diagram
CLKIN
PLL
CLKOUT CLKIN CLK1 CLK2 CLK3
PLL
MUX
CLKOUT CLKA1 CLKA2 CLKA3 CLKA4
ASM3P623S05A/B
CLK4
S2 S1
Select Input Decoding
CLKB1 CLKB2 CLKB3
ASM3P623S09A/B
CLKB4
PulseCore Semiconductor Corporation 1715 S. Bascom Ave Suite 200 Campbell, CA 95008 * Tel: 408-879-9077 * Fax: 408-879-9018 www.pulsecoresemi.com
Notice: The information in this document is subject to change without notice.
May 2007 rev 0.3
Spread Spectrum Frequency Generation
The clocks in digital systems are typically square waves with a 50% duty cycle and as frequencies increase the edge rates also get faster. Analysis shows that a square wave is composed of fundamental frequency and harmonics. The fundamental frequency and harmonics generate the energy peaks that become the source of EMI. Regulatory agencies test electronic equipment by measuring the amount of peak energy radiated from the equipment. In fact, the peak level allowed decreases as the frequency increases. The standard methods of reducing EMI are to use shielding, filtering, multi-layer
ASM3P623S05/09A/B
PCBs etc. These methods are expensive. Spread spectrum clocking reduces the peak energy by reducing the Q factor of the clock. This is done by slowly modulating the clock frequency. The ASM3P623S05/09A/B uses the center modulation spread spectrum technique in which the modulated output frequency varies above and below the reference frequency with a specified modulation rate. With center modulation, the average frequency is the same as the unmodulated frequency and there is no performance degradation
Timing-SafeTM technology
Timing-SafeTM technology is the ability to modulate a clock source with Spread Spectrum technology and maintain synchronization with any associated data path.
Pin Configuration ( 8 Pin Devices )
CLKIN
1
8 7 6 5
CLKOUT CLK4 VDD CLK3
CLK1 2 CLK2 3 GND 4
ASM3P623S05A/B
Pin Configuration ( 16 Pin Devices )
CLKIN CLKA1 CLKA2 VDD GND CLKB1 CLKB2 S2
1 2 3 4 5 6 7 8
16 15 14
CLKOUT CLKA4 CLKA3 VDD GND CLKB4 CLKB3 S1
ASM3P623S09A/B
13 12 11 10 9
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
2 of 15
May 2007 rev 0.3
Pin Description for ASM3P623S05A/B Pin #
1 2 3 4 5 6 7 8
ASM3P623S05/09A/B
Pin Name
CLKIN CLK1 CLK2 CLK3 VDD CLK4
1 1,2 1 1
Description
Input reference frequency, 5V-tolerant input Buffered clock output Buffered clock output Ground Buffered clock output 3.3V supply Buffered clock output Buffered clock output, internal feedback on this pin
GND
1
CLKOUT
Notes: 1. Weak pull-down on these outputs. 2. This output is driven and has an internal feedback for the PLL. 3. Buffered clock output is Timing-SafeTM
Pin Description for ASM3P623S09A/B Pin #
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
Pin Name
CLKIN CLKA11 CLKA2 VDD GND CLKB1 CLKB2 S2 S1
2 2 1 1 1 1 1
Description
Input reference frequency, 5V tolerant input Buffered clock output Buffered clock output 3.3V supply Ground Buffered clock output Buffered clock output Select Input, bit 2 Select Input, bit 1 Buffered clock output Buffered clock output Ground 3.3V supply
CLKB3 CLKB4 GND VDD CLKA3 CLKA4
1 1 1,3
Buffered clock output Buffered clock output Buffered output, Internal feedback on this pin
CLKOUT
Notes: 1. Weak pull-down on all outputs. 2. Weak pull-up on these Inputs. 3. This output is driven and has an internal feedback for the PLL.
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
3 of 15
May 2007 rev 0.3
Spread Spectrum Control and Input-Output Skew Table
(Note: The values given in the table are for an input frequency of 32MHz)
ASM3P623S05/09A/B
Device
ASM3P623S05A ASM3P623S05B ASM3P623S09A ASM3P623S09B
Deviation
0.25 % 0.5 % 0.25 % 0.5 %
Input-Output Skew(TSKEW)
0.125 0.25 0.125 0.25
Note: TSKEW is measured in units of the Clock Period
Absolute Maximum Ratings Symbol
VDD TSTG Ts TJ TDV Storage temperature Max. Soldering Temperature (10 sec) Junction Temperature Static Discharge Voltage (As per JEDEC STD22- A114-B)
Parameter
Voltage on any pin with respect to Ground
Rating
-0.5 to +4.6 -65 to +125 260 150 2
Unit
V C C C KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect device reliability.
Operating Conditions for ASM3P623S05A/B and ASM3P623S09A/B Devices Parameter
VDD TA CL CIN Supply Voltage Operating Temperature (Ambient Temperature) Load Capacitance Input Capacitance
Description
Min
3.0 -40
Max
3.6 +85 30 7
Unit
V C pF pF
Electrical Characteristics for ASM3P623S05A/B and ASM3P623S09A/B Parameter
VIL VIH IIL IIH VOL VOH IDD Zo
Description
Input LOW Voltage Input LOW Current Input HIGH Current Output LOW Voltage Supply Current Output Impedance
2 2 1 1
Test Conditions
Min
2.0
Typ
Max
0.8
Unit
V V A A V V mA
Input HIGH Voltage
VIN = 0V VIN = VDD IOL = 8mA IOH = -8mA Unloaded outputs 2.4 15 23
50 100 0.4
Output HIGH Voltage
Note: 1. CLKIN input has a threshold voltage of VDD/2 2. Parameter is guaranteed by design and characterization. Not 100% tested in production
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
4 of 15
May 2007 rev 0.3
ASM3P623S05/09A/B
Switching Characteristics for ASM3P623S05A/B and ASM3P623S09A/B Parameter
1/t1 t3 t4 t5 t6 t7 tJ tLOCK
Description
Output Frequency Duty Cycle = (t2 / t1) * 100 Output Rise Time1, 2 Output Fall Time1, 2 Output-to-output skew CLKOUT Rising Edge
2 2
Test Conditions
30pF load Measured at VDD/2 Measured between 0.8V and 2.0V Measured between 2.0V and 0.8V All outputs equally loaded Measured at VDD /2 Measured at VDD/2 on the CLKOUT pins of the device Loaded outputs Stable power supply, valid clock presented on CLKIN pin
Min
20 40
Typ
50
Max
50 60 2.5 2.5 250 350 700 200 1.0
Unit
MHz % nS nS pS pS pS pS mS
Delay, CLKIN Rising Edge to
2
Device-to-Device Skew 2 Cycle-to-cycle jitter 2 PLL Lock Time
2
Note: 1. The parameters are specified with loaded outputs. 2. Parameter is guaranteed by design and characterization. Not 100% tested in production
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
5 of 15
May 2007 rev 0.3
Switching Waveforms Duty Cycle Timing
t t 2 1.4 V 1.4 V 1
ASM3P623S05/09A/B
1.4 V
All Outputs Rise/Fall Time
OUTPUT 2.0V 0.8V t3 t4 2.0 V 0.8 V 3.3 V 0V
Output - Output Skew
1.4 V OUTPUT 1.4 V OUTPUT t 5
Input - Output Propagation Delay
V
INPUT
/2 DD V /2 DD
OUTPUT t 6
Device - Device Skew
CLKOUT, Device 1
VDD/2
V /2 DD
CLKOUT, Device 2 t 7
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
6 of 15
May 2007 rev 0.3
Input-Output Skew
ASM3P623S05/09A/B
Test Circuit
Input Timing-SafeTM Output
+3.3V VDD
TSKEW -
TSKEW+
+3.3V
0.1uF
CLKOUT OUTPUTS VDD LOAD
One clock cycle N=1
when spread spectrum is ON For example, TSKEW = 0.125 for an Input clock 32MHz, translates in to (1/32MHz) * 0.125=3.90nS
0.1uF
GND
GND
TSKEW represents input-output skew
A Typical example of Timing-SafeTM waveform
Input Input
CLKOUT with SSOFF
Timing-SafeTM CLKOUT
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
7 of 15
May 2007 rev 0.3
Package Information 8-lead (150-mil) SOIC Package
ASM3P623S05/09A/B
E
H
D
A2
A
e B A 1
C L
D
Dimensions
Symbol Min
A1 A A2 B C D E e H L
Inches Max
0.010 0.069 0.059 0.020 0.010 0.004 0.053 0.049 0.012 0.007
Millimeters Min Max
0.10 1.35 1.25 0.31 0.18 4.90 BSC 3.91 BSC 1.27 BSC 6.00 BSC 0.41 0 1.27 8 0.25 1.75 1.50 0.51 0.25
0.193 BSC 0.154 BSC 0.050 BSC 0.236 BSC 0.016 0 0.050 8
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
8 of 15
May 2007 rev 0.3
8-lead TSSOP (4.40-MM Body)
ASM3P623S05/09A/B
H
E D A2 A e B A1 L C
Dimensions Symbol Min
A A1 A2 B c D E e H L 0.020 0 0.002 0.033 0.008 0.004 0.114 0.169 0.026 BSC 0.252 BSC 0.028 8 0.50 0
Inches Max
0.043 0.006 0.037 0.012 0.008 0.122 0.177 0.05 0.85 0.19 0.09 2.90 4.30
Millimeters Min Max
1.10 0.15 0.95 0.30 0.20 3.10 4.50 0.65 BSC 6.40 BSC 0.70 8
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
9 of 15
May 2007 rev 0.3
ASM3P623S05/09A/B
16-lead (150 Mil) Molded SOIC Package
8
1
PIN 1 ID
E
H
9 D
16 Seating Plane A e
B
h
A2
D
0.004
L
C
A1
Dimensions Symbol Min
A A1 A2 B C D E e H h L 0.228 0.010 0.016 0 0.053 0.004 0.049 0.013 0.008 0.386 0.150 0.050 BSC 0.244 0.016 0.035 8 5.80 0.25 0.40 0
Inches Max
0.069 0.010 0.059 0.022 0.012 0.394 0.157
Millimeters Min
1.35 0.10 1.25 0.33 0.19 9.80 3.80 1.27 BSC 6.20 0.41 0.89 8
Max
1.75 0.25 1.50 0.53 0.27 10.01 4.00
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
10 of 15
May 2007 rev 0.3
16-lead TSSOP (4.40-MM Body)
ASM3P623S05/09A/B
8
1
PIN 1 ID E H
9
16
A
Seating Plane L C
e D
A2
B
A1
D
Dimensions Symbol Min
A A1 A2 B C D E e H L 0.020 0 0.002 0.031 0.007 0.004 0.193 0.169 0.026 BSC 0.252 BSC 0.030 8 0.50 0
Inches Max
0.043 0.006 0.041 0.012 0.008 0.201 0.177 0.05 0.80 0.19 0.09 4.90 4.30
Millimeters Min Max
1.20 0.15 1.05 0.30 0.20 5.10 4.50 0.65 BSC 6.40 BSC 0.75 8
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
11 of 15
May 2007 rev 0.3
Ordering Codes Ordering Code
ASM3P623S09AF-16-ST ASM3I623S09AF-16-ST ASM3P623S09AF-16-SR ASM3I623S09AF-16-SR ASM3P623S09AF-16-TT ASM3I623S09AF-16-TT ASM3P623S09AF-16-TR ASM3I623S09AF-16-TR ASM3P623S09BF-16-ST ASM3I623S09BF-16-ST ASM3P623S09BF-16-SR ASM3I623S09BF-16-SR ASM3P623S09BF-16-TT ASM3I623S09BF-16-TT ASM3P623S09BF-16-TR ASM3I623S09BF-16-TR ASM3P623S05AF-08-ST ASM3I623S05AF-08-ST ASM3P623S05AF-08-SR ASM3I623S05AF-08-SR ASM3P623S05AF-08-TT ASM3I623S05AF-08-TT ASM3P623S05AF-08-TR ASM3I623S05AF-08-TR ASM3P623S05BF-08-ST ASM3I623S05BF-08-ST ASM3P623S05BF-08-SR ASM3I623S05BF-08-SR ASM3P623S05BF-08-TT ASM3I623S05BF-08-TT ASM3P623S05BF-08-TR ASM3I623S05BF-08-TR
ASM3P623S05/09A/B
Marking
3P623S09AF 3I623S09AF 3P623S09AF 3I623S09AF 3P623S09AF 3I623S09AF 3P623S09AF 3I623S09AF 3P623S09BF 3I623S09BF 3P623S09BF 3I623S09BF 3P623S09BF 3I623S09BF 3P623S09BF 3I623S09BF 3P623S05AF 3I623S05AF 3P623S05AF 3I623S05AF 3P623S05AF 3I623S05AF 3P623S05AF 3I623S05AF 3P623S05BF 3I623S05BF 3P623S05BF 3I623S05BF 3P623S05BF 3I623S05BF 3P623S05BF 3I623S05BF
Package Type
16-pin 150-mil SOIC-TUBE, Pb Free 16-pin 150-mil SOIC-TUBE, Pb Free 16-pin 150-mil SOIC-TAPE & REEL, Pb Free 16-pin 150-mil SOIC-TAPE & REEL, Pb Free 16-pin 4.4-mm TSSOP - TUBE, Pb Free 16-pin 4.4-mm TSSOP - TUBE, Pb Free 16-pin 4.4-mm TSSOP - TAPE & REEL, Pb Free 16-pin 4.4-mm TSSOP - TAPE & REEL, Pb Free 16-pin 150-mil SOIC-TUBE, Pb Free 16-pin 150-mil SOIC-TUBE, Pb Free 16-pin 150-mil SOIC-TAPE & REEL, Pb Free 16-pin 150-mil SOIC-TAPE & REEL, Pb Free 16-pin 4.4-mm TSSOP - TUBE, Pb Free 16-pin 4.4-mm TSSOP - TUBE, Pb Free 16-pin 4.4-mm TSSOP - TAPE & REEL, Pb Free 16-pin 4.4-mm TSSOP - TAPE & REEL, Pb Free 8-pin 150-mil SOIC-TUBE, Pb Free 8-pin 150-mil SOIC-TUBE, Pb Free 8-pin 150-mil SOIC-TAPE & REEL, Pb Free 8-pin 150-mil SOIC-TAPE & REEL, Pb Free 8-pin 4.4-mm TSSOP - TUBE, Pb Free 8-pin 4.4-mm TSSOP - TUBE, Pb Free 8-pin 4.4-mm TSSOP - TAPE & REEL, Pb Free 8-pin 4.4-mm TSSOP - TAPE & REEL, Pb Free 8-pin 150-mil SOIC-TUBE, Pb Free 8-pin 150-mil SOIC-TUBE, Pb Free 8-pin 150-mil SOIC-TAPE & REEL, Pb Free 8-pin 150-mil SOIC-TAPE & REEL, Pb Free 8-pin 4.4-mm TSSOP - TUBE, Pb Free 8-pin 4.4-mm TSSOP - TUBE, Pb Free 8-pin 4.4-mm TSSOP - TAPE & REEL, Pb Free 8-pin 4.4-mm TSSOP - TAPE & REEL, Pb Free
Temperature
Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
12 of 15
May 2007 rev 0.3
Ordering Codes (cont'd) Ordering Code
ASM3P623S09AG-16-ST ASM3I623S09AG-16-ST ASM3P623S09AG-16-SR ASM3I623S09AG-16-SR ASM3P623S09AG-16-TT ASM3I623S09AG-16-TT ASM3P623S09AG-16-TR ASM3I623S09AG-16-TR ASM3P623S09BG-16-ST ASM3I623S09BG-16-ST ASM3P623S09BG-16-SR ASM3I623S09BG-16-SR ASM3P623S09BG-16-TT ASM3I623S09BG-16-TT ASM3P623S09BG-16-TR ASM3I623S09BG-16-TR ASM3P623S05AG-08-ST ASM3I623S05AG-08-ST ASM3P623S05AG-08-SR ASM3I623S05AG-08-SR ASM3P623S05AG-08-TT ASM3I623S05AG-08-TT ASM3P623S05AG-08-TR ASM3I623S05AG-08-TR ASM3P623S05BG-08-ST ASM3I623S05BG-08-ST ASM3P623S05BG-08-SR ASM3I623S05BG-08-SR ASM3P623S05BG-08-TT ASM3I623S05BG-08-TT ASM3P623S05BG-08-TR ASM3I623S05BG-08-TR
ASM3P623S05/09A/B
Marking
3P623S09AG 3I623S09AG 3P623S09AG 3I623S09AG 3P623S09AG 3I623S09AG 3P623S09AG 3I623S09AG 3P623S09BG 3I623S09BG 3P623S09BG 3I623S09BG 3P623S09BG 3I623S09BG 3P623S09BG 3I623S09BG 3P623S05AG 3I623S05AG 3P623S05AG 3I623S05AG 3P623S05AG 3I623S05AG 3P623S05AG 3I623S05AG 3P623S05BG 3I623S05BG 3P623S05BG 3I623S05BG 3P623S05BG 3I623S05BG 3P623S05BG 3I623S05BG
Package Type
16-pin 150-mil SOIC-TUBE, Green 16-pin 150-mil SOIC-TUBE, Green 16-pin 150-mil SOIC-TAPE & REEL, Green 16-pin 150-mil SOIC-TAPE & REEL, Green 16-pin 4.4-mm TSSOP - TUBE, Green 16-pin 4.4-mm TSSOP - TUBE, Green 16-pin 4.4-mm TSSOP - TAPE & REEL, Green 16-pin 4.4-mm TSSOP - TAPE & REEL, Green 16-pin 150-mil SOIC-TUBE, Green 16-pin 150-mil SOIC-TUBE, Green 16-pin 150-mil SOIC-TAPE & REEL, Green 16-pin 150-mil SOIC-TAPE & REEL, Green 16-pin 4.4-mm TSSOP - TUBE, Green 16-pin 4.4-mm TSSOP - TUBE, Green 16-pin 4.4-mm TSSOP - TAPE & REEL, Green 16-pin 4.4-mm TSSOP - TAPE & REEL, Green 8-pin 150-mil SOIC-TUBE, Green 8-pin 150-mil SOIC-TUBE, Green 8-pin 150-mil SOIC-TAPE & REEL, Green 8-pin 150-mil SOIC-TAPE & REEL, Green 8-pin 4.4-mm TSSOP - TUBE, Green 8-pin 4.4-mm TSSOP - TUBE, Green 8-pin 4.4-mm TSSOP - TAPE & REEL, Green 8-pin 4.4-mm TSSOP - TAPE & REEL, Green 8-pin 150-mil SOIC-TUBE, Green 8-pin 150-mil SOIC-TUBE, Green 8-pin 150-mil SOIC-TAPE & REEL, Green 8-pin 150-mil SOIC-TAPE & REEL, Green 8-pin 4.4-mm TSSOP - TUBE, Green 8-pin 4.4-mm TSSOP - TUBE, Green 8-pin 4.4-mm TSSOP - TAPE & REEL, Green 8-pin 4.4-mm TSSOP - TAPE & REEL, Green
Temperature
Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
13 of 15
May 2007 rev 0.3
Device Ordering Information
ASM3P623S05/09A/B
ASM3P623S05AF-08-TR
Tape & Reel, T = Tube or Tray
O = SOT S = SOIC T = TSSOP A = SSOP V = TVSOP B = BGA Q = QFN DEVICE PIN COUNT
U = MSOP E = TQFP L = LQFP U = MSOP P = PDIP D = QSOP X = SC-70
F = LEAD FREE AND RoHS COMPLIANT PART G = GREEN PACKAGE, LEAD FREE, and RoHS
PART NUMBER X= Automotive I= Industrial P or n/c = Commercial (-40C to +125C) (-40C to +85C) (0C to +70C) 1 = Reserved 2 = Non PLL based 3 = EMI Reduction 4 = DDR support products 5 = STD Zero Delay Buffer 6 = Power Management 7 = Power Management 8 = Power Management 9 = Hi Performance 0 = Reserved
PulseCore Semiconductor Mixed Signal Product
Licensed under US patent #5,488,627, #6,646,463 and #5,631,920.
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
14 of 15
May 2007 rev 0.3
ASM3P623S05/09A/B
PulseCore Semiconductor Corporation 1715 S. Bascom Ave Suite 200 Campbell, CA 95008 Tel: 408-879-9077 Fax: 408-879-9018 www.pulsecoresemi.com
Copyright PulseCore Semiconductor All Rights Reserved Part Number: ASM3P623S05/09A/B Document Version: 0.3
Note: This product utilizes US Patent # 6,646,463 Impedance Emulator Patent issued to PulseCore Semiconductor, dated 11-11-2003 Timing-SafeTM US Patent Pending.
(c) Copyright 2006 PulseCore Semiconductor Corporation. All rights reserved. Our logo and name are trademarks or registered trademarks of PulseCore Semiconductor. All other brand and product names may be the trademarks of their respective companies. PulseCore reserves the right to make changes to this document and its products at any time without notice. PulseCore assumes no responsibility for any errors that may appear in this document. The data contained herein represents PulseCore's best data and/or estimates at the time of issuance. PulseCore reserves the right to change or correct this data at any time, without notice. If the product described herein is under development, significant changes to these specifications are possible. The information in this product data sheet is intended to be general descriptive information for potential customers and users, and is not intended to operate as, or provide, any guarantee or warrantee to any user or customer. PulseCore does not assume any responsibility or liability arising out of the application or use of any product described herein, and disclaims any express or implied warranties related to the sale and/or use of PulseCore products including liability or warranties related to fitness for a particular purpose, merchantability, or infringement of any intellectual property rights, except as express agreed to in PulseCore's Terms and Conditions of Sale (which are available from PulseCore). All sales of PulseCore products are made exclusively according to PulseCore's Terms and Conditions of Sale. The purchase of products from PulseCore does not convey a license under any patent rights, copyrights; mask works rights, trademarks, or any other intellectual property rights of PulseCore or third parties. PulseCore does not authorize its products for use as critical components in life-supporting systems where a malfunction or failure may reasonably be expected to result in significant injury to the user, and the inclusion of PulseCore products in such life-supporting systems implies that the manufacturer assumes all risk of such use and agrees to indemnify PulseCore against all claims arising from such use.
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
15 of 15


▲Up To Search▲   

 
Price & Availability of ASM3I623S05AG-08-SR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X